PART |
Description |
Maker |
FBR161SCD012-W31 FBR161SNCD012-W31 FBR161SCD012-W3 |
POWER RELAY 1 POLE-15 to 25 A (FOR AUTOMOTIVE APPLICATIONS) POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.057A (COIL), 12VDC (COIL), 680mW (COIL), 25A (CONTACT), 16VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.043A (COIL), 9VDC (COIL), 380mW (COIL), 20A (CONTACT), 16VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.04A (COIL), 9VDC (COIL), 360mW (COIL), 20A (CONTACT), 16VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. FUJITSU COMPONENT LTD
|
2BC-2B-107E 1BC-1A-109E HI-GITALIASRL-1BC-4A-140E |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.023A (COIL), 7VDC (COIL), 40mW (COIL), 2A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.014A (COIL), 7.1VDC (COIL), 25mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.032A (COIL), 3.2VDC (COIL), 25mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.071A (COIL), 1.4VDC (COIL), 25mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.014A (COIL), 12VDC (COIL), 40mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
HI-G ITALIA SRL
|
SY-12W-K SY-12-K SY-1.5-K SY-9-K |
MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING) POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.1A (COIL), 1.5VDC (COIL), 150mW (COIL), 1A (CONTACT), 60VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.017A (COIL), 9VDC (COIL), 150mW (COIL), 1A (CONTACT), 60VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited.
|
MCS300141K MCS300142E MCS300171C MCS300172K |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.133A (COIL), 28VDC (COIL), 3724mW (COIL), 5A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 5A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 5A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
|
FBR161NCD048RWB-CSA FBR161NCD048RK-CSA FBR161NCD04 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.01A (COIL), 48VDC (COIL), 500mW (COIL), 10A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.01A (COIL), 48VDC (COIL), 500mW (COIL), 3A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.01A (COIL), 48VDC (COIL), 500mW (COIL), 5A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.01A (COIL), 48VDC (COIL), 500mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.015A (COIL), 24VDC (COIL), 360mW (COIL), 10A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU Component., Ltd. FUJITSU COMPONENT LTD
|
CR2-12V |
Twin Power Silent Automotive Relay POWER/SIGNAL RELAY, SPDT, LATCHED, 0.053A (COIL), 12VDC (COIL), 640mW (COIL), 10A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Panasonic, Corp.
|
ALZ21B05TW ALZ11B05W ALZ11B09TW |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.08A (COIL), 5VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.08A (COIL), 5VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.044A (COIL), 9VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
|
BOY-3D-110/120VDC BOY-3D-5.5VDC |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.008A (COIL), 120VDC (COIL), 960mW (COIL), 10A (CONTACT), 26.5VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.132A (COIL), 5.5VDC (COIL), 726mW (COIL), 10A (CONTACT), 26.5VDC (CONTACT), PANEL MOUNT
|
Allied Controls, Inc. Ironwood Electronics
|
1393277-4 1393278-7 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.133A (COIL), 12VDC (COIL), 1600mW (COIL), 25A (CONTACT), 12VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT Power Relay K (Open ?Sealed)
|
Tyco Electronics
|
|